Part Number Hot Search : 
BM29F 21200 K3555 40MHZ YSS915 UF106 BT2540 A3122ELT
Product Description
Full Text Search
 

To Download MC464D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10 amps 600 vac 50 64 80 128 50, 64, 80 & 128 contacts + ground install to matching series hood/base allows ?pen?wiring inside closed panel enclosure. allows interiors to be assembled as a separable terminal block device. din rail adapter mount frames 64 + g amf124 150mm long, with base for snapping onto din rail screw terminal wiring adapter block 64 + g male insert, ground l. ms464wal 26 - 16 awg (0.2-1.5mm 2 ) female insert, ground l. fs364wal 26 - 16 awg (0.2-1.5mm 2 ) foot element mounting fe807tb 2x per adapter for din rail (2x needed) crimp terminal inserts 50 + g 64 + g 80 + g 128 + g male insert mc425d (2x) MC464D mc440d (2x) MC464D (2x) (order contacts below) female insert fc325d (2x) fc364d fc340d (2x) fc364d (2x) (order contacts below) contacts selection chart crimp contacts wire gauge awg (mm 2 ) identification female male 22+ awg (0.14-0.37 mm 2 )1 fp22sd mp22sd 20 awg (0.5 mm 2 )2 fp20sd mp20sd 18 awg (0.75-1 mm 2 )3 fp18sd mp18sd 16 awg (1.5 mm 2 )4 fp16sd mp16sd 14 awg (2.5 mm 2 )5 fp14sd mp14sd accessories: catalog no. label inserts wam-2 strip blank wam2b strip nos. 1-64 w2n64 strip letters a - z wam2az wiring adapter insert for use with panel bases; allows single access direction panel-build wiring + easy terminal id for service & testing. see page 72 for pof installation and tools info. fiber optic contacts crimp contacts wire gauge awg (mm 2 ) female male glass fiber pof, size 1 mm fpf520 mpf530 24 ? 2001 thomas & betts corporation. specifications are subject to change without notice. www.tnb.com d series for crimp terminal ??inserts wt80 crimp tool rt614 extraction tool i.d.
10 amps 600 vac 50 64 80 128 lever locking type box base w/cover side entry top entry npt bases ?standard mount entry double single double double single panel base pb132a pb324 pb124e pb132 pb348 w/cover pb403a pb424 1 x 3/4" bb032a bb424* bb024e* 1 x 1" bb832a bb424h100 bb024eh100 bb032 bb448 2 x 3/4" bb132a bb524* bb124e* 2 x 1" bb132a100 bb524h100 bb124eh100 bb132 bb548 1 x 3/4" bb624* 1 x 1" bb624h100 bb648 2 x 3/4" bb724* 2 x 1" bb724h100 bb748 # of contacts + ground connections box base (no cover) for inline, portable or special service connections coupler hoods ?inline 1 x 3/4" ch824 ch624e ch632 1 x 1" ch924 ch724e ch732 ribbon cbl ch824rc ch724erc top entry lh024e lh124e lh224e lh324e coupler hoods mate to standard hoods only. lever hoods mate to post bases only. pb224 bb224 * bb224h100 bb324 * bb324h100 panel + posts w/cover box + posts w/cover post bases accept lever hoods only. * *notes: available in standard or high profile ??configurations. (-add suffix) **notes: available in standard or low profile ??configurations. (-add suffix) add ??final suffix for metal cover option. ? see page 71 for ribbon cable kits. hoods ?standard mount 1 x 3/4" sh032a sh624** sh024** sh032 1 x 1" sh132a sh724** sh124** sh132 sh648 1 x 1.25" sh748 1 x 3/4" th232a th824** th224** th232 1 x 1" th332a th924 ** th324 ** th332 th848 1 x 1-1/4" th948 ribbon cbl th624rc th424rc b a s e b a s e t o h o o d h o o d t o c o u p l e r c o u p l e r h o o d t o b a s e h o o d s h o o d s b a s e s top entry w/lever(s) side entry w/lever(s) lever hoods ?reversed lock 1 x 3/4" lh032a 1 x 1" lh132a 1 x 3/4" lh232a 1 x 1" lh332a bases ?with access cover pb232a 1 x 3/4" bb232a 1 x 1" bb232a100 2 x 3/4" bb332a 1 x 1" bb332a100 reverse locking ? 2001 thomas & betts corporation. specifications are subject to change without notice. www.tnb.com 25 housing d series single lever double lever


▲Up To Search▲   

 
Price & Availability of MC464D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X